| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS23UG Fiches technique(PDF) 196 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS23UG Fiches technique(HTML) 196 Page - Toshiba Semiconductor |
|
196 / 252 page ![]() Page 184 17. Multiply-Accumulate (MAC) Unit 17.7 Example of Software Processing TMP86FS23UG LD WA, (RAM_Multiplier β) 6 cycles/3 µs LD (MPLDRL), WA ; Multiplier register 6 cycles/3 µs LD WA, (RAM_Multiplicand Z) 6 cycles/3 µs LD (MPCDRL), WA ; Multiplicand register 6 cycles/3 µs ; The first calculation is already completed. Thus, the next data can be written. LD WA, (RAM_Multiplier y) 6 cycles/3 µs LD (MPLDRL), WA ; Multiplier register 6 cycles/3 µs LD WA, (RAM_Multiplicand Z) 6 cycles/3 µs LD (MPCDRL), WA ; Multiplicand register 6 cycles/3 µs NOP ; Wait three machine cycles or longer. NOP ; (Note 2) NOP LD WA, (RCALDR1) ; Low-order part of the result register 6 cycles/3 µs LD (RAM_Low-order part of result X), WA 6 cycles/3 µs LD WA, (RCALDR3) ; High-order part of the result register 6 cycles/3 µs LD (RAM_High-order part of result X), WA 6 cycles/3 µs EI (Enables interrupts.) Processing time 51 ms <CALL mn instruction> 6 cycles/3 µs RET 6 cycles/3 µs Total processing time 57 µs |