Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS23UG Fiches technique(PDF) 151 Page - Toshiba Semiconductor

No de pièce TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Fiches technique(HTML) 151 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 149Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 150Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 151Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 252 page
background image
Page 139
TMP86FS23UG
12. Synchronous Serial Interface (SIO)
The TMP86FS23UG has a clocked-synchronous 8-bit serial interface. Serial interface has an 8-byte transmit and
receive data buffer that can automatically and continuously transfer up to 64 bits of data.
Serial interface is connected to outside peripherl devices via SO, SI, SCK port.
12.1 Configuration
Figure 12-1 Serial Interface
SIO control / status register
Serial clock
Shift
clock
Shift register
3
2
1
0
7
6
5
4
Transmit and
receive data buffer
(8 bytes in DBR)
Control circuit
CPU
Serial data output
Serial data input
8-bit transfer
4-bit transfer
Serial clock I/O
Buffer control
circuit
SO
SI
SCK
SIOCR2
SIOCR1
SIOSR
INTSIO interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More