Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F273E Fiches technique(PDF) 165 Page - STMicroelectronics

No de pièce ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Fiches technique(HTML) 165 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 161Page - STMicroelectronics ST10F273E Datasheet HTML 162Page - STMicroelectronics ST10F273E Datasheet HTML 163Page - STMicroelectronics ST10F273E Datasheet HTML 164Page - STMicroelectronics ST10F273E Datasheet HTML 165Page - STMicroelectronics ST10F273E Datasheet HTML 166Page - STMicroelectronics ST10F273E Datasheet HTML 167Page - STMicroelectronics ST10F273E Datasheet HTML 168Page - STMicroelectronics ST10F273E Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 179 page
background image
ST10F273E
Electrical characteristics
165/179
Figure 53.
Exteral memory cycle: Demultiplexed bus, with/without r/w delay, extended ALE
t5
Read cycle
Write cycle
CLKOUT
ALE
CSx
RD
WR
WRL
WRH
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE
t26
t16
t17
t39
t41
t28
t38
t6
t6
t17
t28
Address
t18
Data in
t20
t14
t80
t81
t15
t21
t13
t12
Data out
t80
t81
t22
t24
t12
t13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More