Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B1375 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce B1375
Description  Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

B1375 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  B1375 Datasheet HTML 1Page - Toshiba Semiconductor B1375 Datasheet HTML 2Page - Toshiba Semiconductor B1375 Datasheet HTML 3Page - Toshiba Semiconductor B1375 Datasheet HTML 4Page - Toshiba Semiconductor B1375 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1375
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
0
0
Common emitter
Tc = 25°C
−3.0
−0.5
−2.0
−3
−4
−6
−5
−30
−100
−50
−70
−90
−20
IB = −10 mA
−60
−80
−2
−1
−1.0
−1.5
−2.5
−40
Common emitter
VCE = −5 V
0
−3
−2
−0.8
−1.2
−2.0
Tc = 100°C
25
−1.6
−0.4
0
−1
−25
Tc = 100°C
Common emitter
IC/IB = 10
−2
−0.05
−0.1
−0.3
−0.5
−1
−0.03
−0.03
−0.1
−1
−5
−3
−0.3
−0.01
−25
25
−0.01
−0.03
100
Common emitter
VCE = −5 V
30
50
500
−0.1
−1
−5
−25
25
Tc = 100°C
−3
−0.3
−0.01
300
20


Numéro de pièce similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
B1370 ROHM-B1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
logo
Tripp Lite. All Rights ...
B137101 TRIPPLITE-B137101 Datasheet
489Kb / 2P
S-Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
More results

Description similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
Silicon PNP Triple Diffused Type
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
Silicon PNP Triple Diffused Type
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF421 KEC-BF421 Datasheet
847Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com