Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B1375 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce B1375
Description  Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

B1375 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  B1375 Datasheet HTML 1Page - Toshiba Semiconductor B1375 Datasheet HTML 2Page - Toshiba Semiconductor B1375 Datasheet HTML 3Page - Toshiba Semiconductor B1375 Datasheet HTML 4Page - Toshiba Semiconductor B1375 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB1375
2006-11-21
1
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SB1375
Audio Frequency Power Amplifier
• Low saturation voltage: VCE (sat) = −1.5 V (max)
(IC = −2 A, IB = −0.2 A)
• High power dissipation: PC = 25 W (Tc = 25°C)
• Collector metal (fin) is covered with mold resin
• Complementary to 2SD2012
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−60
V
Collector-emitter voltage
VCEO
−60
V
Emitter-base voltage
VEBO
−7
V
Collector current
IC
−3
A
Base current
IB
−0.5
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Numéro de pièce similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
B1370 ROHM-B1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
logo
Tripp Lite. All Rights ...
B137101 TRIPPLITE-B137101 Datasheet
489Kb / 2P
S-Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
More results

Description similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421 Datasheet
847Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
Silicon PNP Triple Diffused Type
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com