Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B1375 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce B1375
Description  Silicon PNP Triple Diffused Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

B1375 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  B1375 Datasheet HTML 1Page - Toshiba Semiconductor B1375 Datasheet HTML 2Page - Toshiba Semiconductor B1375 Datasheet HTML 3Page - Toshiba Semiconductor B1375 Datasheet HTML 4Page - Toshiba Semiconductor B1375 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SB1375
2006-11-21
5
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his
document shall be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patents or other rights of
TOSHIBA or the third parties.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations
that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses
occurring as a result of noncompliance with applicable laws and regulations.


Numéro de pièce similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
B1370 ROHM-B1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
logo
Tripp Lite. All Rights ...
B137101 TRIPPLITE-B137101 Datasheet
489Kb / 2P
S-Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
More results

Description similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
Silicon PNP Triple Diffused Type
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
Silicon PNP Triple Diffused Type
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF421 KEC-BF421 Datasheet
847Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com