Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B1375 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce B1375
Description  Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

B1375 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  B1375 Datasheet HTML 1Page - Toshiba Semiconductor B1375 Datasheet HTML 2Page - Toshiba Semiconductor B1375 Datasheet HTML 3Page - Toshiba Semiconductor B1375 Datasheet HTML 4Page - Toshiba Semiconductor B1375 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SB1375
2006-11-21
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
−1
−3
−0.1
−0.3
−0.5
−1
−3
IC max (pulsed)*
IC max (continuous)
DC operation
Tc = 25°C
10 ms*
100 ms*
−50
−100
−10
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
1 ms*
VCEO max
−5
−200
−5
−10
−30
0
0
5
(1) Tc = Ta
Infinite heat sink
(2) No heat sink
15
25
50
75
100
125
175
150
10
20
25
(1)
(2)
Pulse width tw (s)
rth – tw
0.001
0.01
0.1
100
10
1
100
3
30
10
1
0.3
(1) Ta = 25°C No heat sink
(2) Tc = 25°C Infinite heat sink
(1)
(2)


Numéro de pièce similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
B1370 ROHM-B1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
logo
Tripp Lite. All Rights ...
B137101 TRIPPLITE-B137101 Datasheet
489Kb / 2P
S-Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
More results

Description similaire - B1375

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
Silicon PNP Triple Diffused Type
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
Silicon PNP Triple Diffused Type
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF421 KEC-BF421 Datasheet
847Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com