Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F627AESS Fiches technique(PDF) 165 Page - Microchip Technology

No de pièce PIC16F627AESS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627AESS Fiches technique(HTML) 165 Page - Microchip Technology

Back Button PIC16F627AESS Datasheet HTML 161Page - Microchip Technology PIC16F627AESS Datasheet HTML 162Page - Microchip Technology PIC16F627AESS Datasheet HTML 163Page - Microchip Technology PIC16F627AESS Datasheet HTML 164Page - Microchip Technology PIC16F627AESS Datasheet HTML 165Page - Microchip Technology PIC16F627AESS Datasheet HTML 166Page - Microchip Technology PIC16F627AESS Datasheet HTML 167Page - Microchip Technology PIC16F627AESS Datasheet HTML 168Page - Microchip Technology PIC16F627AESS Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 180 page
background image
© 2005 Microchip Technology Inc.
DS40044D-page 163
PIC16F627A/628A/648A
19.0
PACKAGING INFORMATION
19.1
Package Marking Information
18-Lead PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F627A-I/P
0410017
18-Lead SOIC (.300”)
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC16F628A
-E/SO
0410017
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F648A
-I/SS
0410017
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
16F628A
-I/ML
0410017
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More