| Moteur de recherche de fiches techniques de composants électroniques |
|
TMPR4937 Fiches technique(PDF) 240 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Fiches technique(HTML) 240 Page - Toshiba Semiconductor |
|
240 / 552 page ![]() Chapter 9 SDRAM Controller 9-24 Bit Mnemonic Field Name Description Read/Write 8 SEI Single-Bit Error Interrupt Enable Single-Bit Error Interrupt Enable (Default: 0) Specifies whether to generate an interrupt during a single-bit error. 0: Disable 1: Enable R/W 7:1 — — Reserved ⎯ 0 ECCE ECC Enable ECC Enable (Default: 0) Specifies whether to enable the ECC/Parity function. When disabled, the ECC function will not operate even if the ECC Parity Mode field (SDCCRn.ECC) selects the ECC/Parity Mode. 0: Disable 1: Enable R/W Figure 9.4.4 ECC Control Register (2/2) |