Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPR4937 Fiches technique(PDF) 233 Page - Toshiba Semiconductor

No de pièce TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Fiches technique(HTML) 233 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 229Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 230Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 231Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 232Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 233Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 237Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 552 page
background image
Chapter 9 SDRAM Controller
9-17
9.4
Registers
Table 9.4.1 SDRAM Control Register
Offset Address
Bit Width Register Symbol
Register Name
0x8000
64
SDCCR0
SDRAM Channel Control Register 0
0x8008
64
SDCCR1
SDRAM Channel Control Register 1
0x8010
64
SDCCR2
SDRAM Channel Control Register 2
0x8018
64
SDCCR3
SDRAM Channel Control Register 3
0x8040
64
SDCTR
SDRAM Timing Register
0x8058
64
SDCCMD
SDRAM Command Register
Table 9.4.2 ECC Control Register
Offset Address
Bit Width Register Symbol
Register Name
0xA000
64
ECCCR
ECC Control Register
0xA008
64
ECCSR
ECC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More