Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H563AI Fiches technique(PDF) 221 Page - STMicroelectronics

No de pièce STM32H563AI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563AI Fiches technique(HTML) 221 Page - STMicroelectronics

Back Button STM32H563AI Datasheet HTML 217Page - STMicroelectronics STM32H563AI Datasheet HTML 218Page - STMicroelectronics STM32H563AI Datasheet HTML 219Page - STMicroelectronics STM32H563AI Datasheet HTML 220Page - STMicroelectronics STM32H563AI Datasheet HTML 221Page - STMicroelectronics STM32H563AI Datasheet HTML 222Page - STMicroelectronics STM32H563AI Datasheet HTML 223Page - STMicroelectronics STM32H563AI Datasheet HTML 224Page - STMicroelectronics STM32H563AI Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 270 page
background image
DS14258 Rev 5
221/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 61. USART timing diagram in Master mode
1. Measurement points are done at 0.5VDD and with external CL = 30 pF.
Figure 62. USART timing diagram in Slave mode
I3C interface characteristics
The I3C interface meets the timings requirements of the MIPI® I3C specification v1.1.
The I3C peripheral supports:
•
I3C SDR-only as controller
•
I3C SDR-only as target
•
I3C SCL bus clock frequency up to 12.5 MHz
MSv65386V4
CPHA = 0
TX
OUTPUT
RX
INPUT
CPHA = 0
LSB OUT
LSB IN
CPOL = 0
CPOL = 1
BIT1 OUT
1/fCK
tw(CKH)
tw(CKL)
th(RX)
CPHA = 1
CPHA = 1
CPOL = 0
CPOL = 1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT
MSv65387V4
NSS
input
CPHA = 0
CPOL = 0
CPHA = 0
CPOL = 1
TX output
RX input
tsu(RX)
th(RX)
tw(CKL)
tw(CKH)
1/fCK
th(NSS)
tsu(NSS)
tv(TX)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(TX)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com