Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC546 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce BC546
Description  NPN GENERAL PURPOSE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC546 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  BC546 Datasheet HTML 1Page - Pan Jit International Inc. BC546 Datasheet HTML 2Page - Pan Jit International Inc. BC546 Datasheet HTML 3Page - Pan Jit International Inc. BC546 Datasheet HTML 4Page - Pan Jit International Inc. BC546 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
R
E
T
E
M
A
R
A
Pl
o
b
m
y
S.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
m
0
1
=
B
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
E
C
5
6
5
4
0
3
--
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
u
0
1
=
E
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
B
C
0
8
0
5
0
3
--
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
I
(
E
I
,
A
u
0
1
=
C
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
B
E
0
.
6
0
.
6
0
.
5
--
V
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
E
B
E
)
V
5
=I
O
B
E
--
0
0
1A
n
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
l
l
o
C
B
C
I
,
V
0
3
=
E
)
0
=
T
J
0
5
1
=
O C
I
O
B
C
-
-
-
-
5
1
0
.
5
A
n
A
u
n
i
a
G
t
n
e
r
r
u
C
C
D
I
(
C
V
,
A
u
0
1
=
E
C
)
V
5
=
I
(
C
V
,
A
m
0
.
2
=
E
C
)
V
5
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
h
E
F
-
-
-
0
1
1
0
0
2
0
2
4
0
9
0
5
1
0
7
2
0
8
1
0
9
2
0
2
5
-
-
-
0
2
2
0
5
4
0
0
8
-
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
(
C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V
)
T
A
S
(
E
C
-
-
-
-
5
2
.
0
6
.
0
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
B
I
(
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
(
C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V
)
T
A
S
(
E
B
-
-
7
.
0
9
.
0
-
-
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
e
s
a
B
I
(
C
A
m
2
=
, V
E
C
)
A
m
5
.
0
=
I
(
C
V
,
A
m
0
1
=
E
C
)
A
m
0
.
5
=
V
)
T
A
S
(
E
B
8
5
.
0
-
0
6
6
.
0
-
0
7
.
0
7
7
.
0
V
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CV
(
B
C
I
,
V
0
1
=
E
H
M
1
=
f
,
0
=
Z)C
O
B
C
--
5
.
4F
p
LEGAL STATEMENT
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information
herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.


Numéro de pièce similaire - BC546

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results

Description similaire - BC546

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
NPN general purpose transistor
1999 May 21
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
NPN general purpose transistor
1999 May 04
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
NPN general purpose transistor
1999 Apr 27
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
NPN General Purpose Transistor
logo
NXP Semiconductors
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com