Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM4308A2 Fiches technique(PDF) 3 Page - Powerex Power Semiconductors

No de pièce CM4308A2
Description  Dual SCR POW-R-BLOK??Modules 25 Amperes/800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM4308A2 Fiches technique(HTML) 3 Page - Powerex Power Semiconductors

  CM4308A2 Datasheet HTML 1Page - Powerex Power Semiconductors CM4308A2 Datasheet HTML 2Page - Powerex Power Semiconductors CM4308A2 Datasheet HTML 3Page - Powerex Power Semiconductors CM4308A2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S-11
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM4308A2
Dual SCR POW-R-BLOK™ Modules
25 Amperes/800 Volts
INSTANTANEOUS ON-STATE CURRENT, ITM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.6
100
1.0
1.4
1.8
2.2
2.6
101
102
103
Tj = 125
oC
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
101
102
100
50
100
150
200
250
300
350
400
450
500
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
05
25
10
15
20
80
90
100
110
120
130
= 30o
60o
90o
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
180o
120o
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
05
25
10
15
20
0
40
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
5
10
15
20
25
30
35
= 30o
120o
180o
60o
90o
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
05
25
10
15
20
30
35
40
60
70
80
90
100
110
120
130
360
o
RESISTIVE, INDUCTIVE
LOAD PER SINGLE
ELEMENT
= 30o
60o 90o
120o
180o 270o
DC
0
MAXIMUM AVERAGE ON-STATE POWER
DISSIPATION (RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
05
25
10
15
20
30
35
40
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
10
20
30
40
50
120o
180o
270o
= 30o
60o
90o
DC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.2
0.4
0.6
0.8
1.0
10-2
10-1
100
100
101
0.9
0.7
0.5
0.3
0.1
INSTANTANEOUS GATE CURRENT, IG, (mA)
TRIGGERING
CHARACTERISTICS
101
102
103
104
10-1
100
101
102
VGFM = 10V
VGT = 3.0V
PGM = 5.0W
PG(AV) =
0.50W
IGFM =
2.0A
IGT = 50mA
Tj = 25
oC
VGDM = 0.25V
90
MAXIMUM ALLOWABLE CASE TEMPERATURE
(REVERSE PARALLEL CONNECTION)
010
50
20
30
40
60
70
80
95
100
105
110
115
120
125
130
85
80
360
o
RESISTIVE,
INDUCTIVE LOAD
RMS ON-STATE CURRENT, I(RMS), (AMPERES)
NOTE: THE CURVES INDICATE THE
RELATIONSHIP BETWEEN THE CASE
TEMPERATURE AND THE RMS
ON-STATE CURRENT FOR EACH
MODULE.
= 30o, 60o, 90o
120o, 180o


Numéro de pièce similaire - CM4308A2

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM430890 POWEREX-CM430890 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 90 Amperes/800 Volts
More results

Description similaire - CM4308A2

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM430890 POWEREX-CM430890 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 90 Amperes/800 Volts
CM520813 POWEREX-CM520813 Datasheet
94Kb / 4P
SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530813 POWEREX-CM530813 Datasheet
97Kb / 4P
Dual SCR POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CM531213 POWEREX-CM531213 Datasheet
82Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
CT230802 POWEREX-CT230802 Datasheet
92Kb / 4P
Split Dual SCR POW-R-BLOK??Modules 20 Amperes/800 Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com