Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FLITE29F2B6 Fiches technique(PDF) 131 Page - STMicroelectronics

No de pièce ST7FLITE29F2B6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2B6 Fiches technique(HTML) 131 Page - STMicroelectronics

Back Button ST7FLITE29F2B6 Datasheet HTML 125Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 126Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 127Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 128Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 129Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 130Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 131Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 132Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 133 page
background image
ST7LITE2
131/133
17 REVISION HISTORY
Table 28. Revision History
Date
Revision
Description of Changes
30-August-
2004
3
Updated Figure 62. Typical IDD in WAIT vs. fCPU with correct data
Added data for Fcpu @ 1MHz into Section 13.4.1 Supply Current table.
EnabledProgramming Capability for EMU3, Table 26
Reset delay in section 11.1.3 on page 53 changed to 30µs
Altered note 1 for section 13.2.3 on page 94 removing references to RESET
Removed sentence relating to an effective change only after overflow for CK[1:0], page 61
MOD00 replaced by 0Ex in Figure 37 on page 58
Added Note 2 related to Exit from Active Halt, section 11.2.5 on page 60
Changed section 11.4.2 on page 71
Changed section 11.4.3.3 on page 74
Added illegal opcode detection to page 1, section 7.6 on page 30, section 12 on page 87
Clarification of Flash read-out protection, section 4.5.1 on page 14
Added note 4 and description relating to Total Percentage in Error and Amplifier Output Offset
Variation to the ADC Characteristics subsection and table, page 120
Added note 5 and description relating to Offset Variation in Temperature to ADC Characteris-
tics subsection and table, page 120
fPLL value of 1MHz quoted as Typical instead of a Minimum in section 13.3.4.1 on page 97
Updated fSCK in section 13.10.1 on page 115 to fCPU/4 and fCPU/2
CorrectedfCPU in SLOW and SLOW WAIT modes in section 13.4.1 on page 101
Max values updated for ADC Accuracy, page 118
Socket Board development kit details added in Table 27 on page 126
Notes indicating that PB4 cannot be used as an external interrupt in HALT mode, section 16.6
on page 132 and Section 8.3 PERIPHERAL INTERRUPTS
-Removed “optional” referring to VDD in Figure 5 on page 13
-Changed FMP_R option bit description in section 15.1 on page 124
-Added “CLEARING ACTIVE INTERRUPTS OUTSIDE INTERRUPT ROUTINE” on page 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More