Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72F321AR9TC Fiches technique(PDF) 188 Page - STMicroelectronics

No de pièce ST72F321AR9TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR9TC Fiches technique(HTML) 188 Page - STMicroelectronics

Back Button ST72F321AR9TC Datasheet HTML 181Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 182Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 183Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 184Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 185Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 186Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 187Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 188Page - STMicroelectronics ST72F321AR9TC Datasheet HTML 189Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 188 / 189 page
background image
ST72321
188/189
16 REVISION HISTORY
Table 31. Revision History
Date
Revision
Description of Changes
18-Oct-2004
1.10
Added “related documentation” section in specific chapters throughout document
Flash readout protection sentence added section 4.3.1 on page 17
I2C Chapter updated, (Section 10.7)
Vt POR max modified in section 12.4 on page 143
Added Figure 89 on page 160
Modified description of tw(RSTL)out in “Asynchronous RESET Pin” on page 159
Added Note on PE2 pin in Table 1, “Device Pin Description,” on page 10
Modified VAREF min in “10-BIT ADC CHARACTERISTICS” on page 167
Modified IINJ for PC6 in Section 12.8
Updated ADC accuracy data and notes in section 12.12.3 on page 170 and “KNOWN LIM-
ITATIONS” on page 185
Added “Clearing active interrupts outside interrupt routine” on page 185
I2C multimaster bug added in Known Limitations, Section 15.1.8
Please read carefully the “KNOWN LIMITATIONS” on page 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More