| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1893CKILF Fiches technique(PDF) 121 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CKILF Fiches technique(HTML) 121 Page - Integrated Circuit Systems |
|
121 / 126 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893CF, Rev. F, 03/01/07 Mar. 2007 121 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 9.5.19 10Base-T: Normal Link Pulse Timing Table 9-26 lists the significant time periods for the 10Base-T Normal Link Pulse (which consists of timings of signals on the TP_TXP pins). Figure 9-20 shows the timing diagram for the time periods. Figure 9-20. 10Base-T Normal Link Pulse Timing Diagram Table 9-26. 10Base-T Normal Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Normal Link Pulse Width 10Base-T – 100 – ns t2 Normal Link Pulse to Normal Link Pulse Period 10Base-T 8 20 25 ms t1 t2 TP_TXP |