Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1893CFILFT Fiches technique(PDF) 108 Page - Integrated Circuit Systems

No de pièce ICS1893CFILFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFILFT Fiches technique(HTML) 108 Page - Integrated Circuit Systems

Back Button ICS1893CFILFT Datasheet HTML 104Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 105Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 106Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 107Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 108Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 109Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 110Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CFILFT Datasheet HTML 112Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
108
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.6 100M/MII Media Independent Interface: Synchronous Receive Timing
Table 9-13 lists the significant time periods for the MII / 100M Stream Interface synchronous receive timing.
The time periods consist of timings of signals on the following pins:
• RXCLK
• RXD[3:0]
• RXDV
• RXER
Figure 9-7 shows the timing diagram for the time periods.
Figure 9-7. MII Interface Synchronous Receive Timing Diagram
Table 9-13. MII Interface: Synchronous Receive Timing
Time
Period
Parameter
Min.
Typ.
Max.
Units
t1
RXD[3:0], RXDV, and RXER Setup to RXCLK Rise
10.0
–
–
ns
t2
RXD[3:0], RXDV, and RXER Hold after RXCLK Rise
10.0
–
–
ns
t1
t2
RXCLK
RXD[3:0]
RXDV
RXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More