| Moteur de recherche de fiches techniques de composants électroniques |
|
PM4354 Fiches technique(PDF) 9 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM4354 Fiches technique(HTML) 9 Page - PMC-Sierra, Inc |
|
9 / 4 page ![]() RELEASED PM4354 COMET-QUAD DATASHEET PMC-1990315 ISSUE 6 FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER / FRAMER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE viii FIGURE 50: - E1 RECEIVE CLOCK SLAVE: FULL T1/E1 MODE (CMS=1) ........................... 413 FIGURE 51: - T1 RECEIVE 2.048 MHZ CLOCK SLAVE: FULL T1/E1 MODE ........................ 413 FIGURE 52: - CONCENTRATION HIGHWAY INTERFACE TIMING, EXAMPLE 1 .................. 414 FIGURE 53: - CONCENTRATION HIGHWAY INTERFACE TIMING, EXAMPLE 2 .................. 414 FIGURE 54: - RECEIVE CLOCK SLAVE: H-MVIP MODE ........................................................ 415 FIGURE 55: - T1 RECEIVE CLOCK SLAVE: H-MVIP MODE................................................... 415 FIGURE 56: - E1 RECEIVE CLOCK SLAVE: H-MVIP MODE................................................... 416 FIGURE 57: - TRANSMIT BACKPLANE: CMS=0, FE=1, DE=1, BTFP IS INPUT..................... 417 FIGURE 58: - TRANSMIT BACKPLANE: CMS=0, FE=1, DE=0, BTFP IS INPUT..................... 417 FIGURE 59: - TRANSMIT BACKPLANE: CMS=1, FE=1, DE=1, BTFP IS INPUT..................... 417 FIGURE 60: - TRANSMIT BACKPLANE: CMS=1, FE=0, DE=1, BTFP IS INPUT..................... 417 FIGURE 61: - TRANSMIT BACKPLANE: CMS=0, FE=1, DE=1, BTFP IS OUTPUT ................ 417 FIGURE 62: - TRANSMIT BACKPLANE: CMS=0, FE=1, DE=0, BTFP IS OUTPUT ................ 418 FIGURE 63: - T1 TRANSMIT CLOCK MASTER : FULL T1/E1 MODE..................................... 418 FIGURE 64: - E1 TRANSMIT CLOCK MASTER : FULL T1/E1 MODE .................................... 418 FIGURE 65: - T1 TRANSMIT CLOCK MASTER: NX64KBIT/S MODE (DE=1, FE=0) ............. 419 FIGURE 66: - E1 TRANSMIT CLOCK MASTER : NX64KBIT/S MODE (DE=1, FE=0) ............ 419 FIGURE 67: - T1 TRANSMIT CLOCK MASTER: NX64KBIT/S MODE (DE=0, FE=0) .............. 419 FIGURE 68: - E1 TRANSMIT CLOCK MASTER: NX64KBIT/S MODE (DE=0, FE=0) .............. 420 FIGURE 69: - T1/E1 TRANSMIT CLOCK MASTER : CLEAR CHANNEL MODE .................... 420 FIGURE 70: - T1 TRANSMIT CLOCK SLAVE: FULL T1/E1 MODE ......................................... 421 FIGURE 71: - E1 TRANSMIT CLOCK SLAVE : FULL T1/E1 MODE ........................................ 421 FIGURE 72: - T1 TRANSMIT 2.048 MHZ CLOCK SLAVE : FULL T1/E1 MODE...................... 422 FIGURE 73: - T1/E1 TRANSMIT CLOCK SLAVE : CLEAR CHANNEL MODE ......................... 422 FIGURE 74: - CONCENTRATION HIGHWAY INTERFACE TIMING, EXAMPLE1 .................... 423 |