Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT30I/ML Fiches technique(PDF) 182 Page - Microchip Technology

No de pièce DSPIC30F2012AT30I/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/ML Fiches technique(HTML) 182 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/ML Datasheet HTML 178Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 179Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 180Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 181Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 182Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 183Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 184Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 185Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 180
© 2006 Microchip Technology Inc.
FIGURE 20-21:
12-BIT A/D CONVERSION TIMING CHARACTERISTICS
(ASAM = 0, SSRC = 000)
AD55
TSAMP
Clear SAMP
Set SAMP
AD61
ADCLK
Instruction
SAMP
ch0_dischrg
ch0_samp
AD60
DONE
ADIF
ADRES(0)
1
2
3
4
5
6
8
7
1 - Software sets ADCON. SAMP to start sampling.
2 - Sampling starts after discharge period.
3 - Software clears ADCON. SAMP to Start conversion.
4 - Sampling ends, conversion sequence starts.
5 - Convert bit 11.
9 - One TAD for end of conversion.
AD50
eoc
9
6 - Convert bit 10.
7 - Convert bit 1.
8 - Convert bit 0.
Execution
TSAMP is described in the “dsPIC30F Family Reference Manual”, (DS70046), Section 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More