| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012A20I/SP Fiches technique(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20I/SP Fiches technique(HTML) 114 Page - Microchip Technology |
|
114 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 112 © 2006 Microchip Technology Inc. 16.7 ADC Speeds The dsPIC30F 12-bit ADC specifications permit a max- imum of 200 ksps sampling rate. Table 16-1 summa- rizes the conversion speeds for the dsPIC30F 12-bit ADC and the required operating conditions. Figure 16-2 depicts the recommended circuit for the conversion rates above 200 ksps. The dsPIC30F2011 is shown as an example. FIGURE 16-2: ADC VOLTAGE REFERENCE SCHEMATIC TABLE 16-1: 12-BIT ADC EXTENDED CONVERSION RATES dsPIC30F 12-bit ADC Conversion Rates Speed TAD Minimum Sampling Time Min Rs Max VDD Temperature Channels Configuration Up to 200 ksps(1) 334 ns 1 TAD 2.5 k Ω 4.5V to 5.5V -40°C to +85°C Up to 100 ksps 668 ns 1 TAD 2.5 k Ω 3.0V to 5.5V -40°C to +125°C Note 1: External VREF- and VREF+ pins must be used for correct operation. See Figure 16-2 for recommended circuit. VREF-VREF+ ADC ANx S/H CHX VREF-VREF+ ADC ANx S/H CHX ANx or VREF- or AVSS or AVDD VDD VDD VDD C8 1 μF VDD C7 0.1 μF VDD C6 0.01 μF AVDD C5 1 μF AVDD C4 0.1 μF AVDD C3 0.01 μF See Note 1: Note 1: Ensure adequate bypass capacitors are provided on each VDD pin. 1 2 3 4 VSS 6 7 21 20 19 18 VDD VSS 15 dsPIC30F2011 VDD R1 10 VDD R2 10 C2 0.1 μF C1 0.01 μF |