| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012AT20I/SP Fiches technique(PDF) 155 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Fiches technique(HTML) 155 Page - Microchip Technology |
|
155 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 153 dsPIC30F2011/2012/3012/3013 FIGURE 20-2: BROWN-OUT RESET CHARACTERISTICS TABLE 20-11: ELECTRICAL CHARACTERISTICS: BOR DC CHARACTERISTICS Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C for Industrial -40°C ≤ TA ≤ +125°C for Extended Param No. Symbol Characteristic Min Typ(1) Max Units Conditions BO10 VBOR BOR Voltage(2) on VDD transition high to low BORV = 11(3) — — — V Not in operating range BORV = 10 2.6 — 2.71 V BORV = 01 4.1 — 4.4 V BORV = 00 4.58 — 4.73 V BO15 VBHYS —5 — mV Note 1: Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and are not tested. 2: These parameters are characterized but not tested in manufacturing. 3: 11 values not in usable operating range. BO10 RESET (due to BOR) VDD (Device in Brown-out Reset) (Device not in Brown-out Reset) Power-Up Time-out BO15 |