| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K20-E/ML Fiches technique(PDF) 237 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/ML Fiches technique(HTML) 237 Page - Microchip Technology |
|
237 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 235 PIC18F2XK20/4XK20 TABLE 18-2: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 57 PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 60 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 60 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 60 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 59 RCREG EUSART Receive Register 59 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 60 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 59 BAUDCTL ABDOVF RCIDL DTRXP CKTXP BRG16 — WUE ABDEN 59 SPBRGH EUSART Baud Rate Generator Register, High Byte 59 SPBRG EUSART Baud Rate Generator Register, Low Byte 59 Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used for asynchronous reception. Note 1: Reserved in PIC18F2XK20 devices; always maintain these bits clear. |