| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ12GP201E/ML Fiches technique(PDF) 155 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/ML Fiches technique(HTML) 155 Page - Microchip Technology |
|
155 / 234 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70282B-page 153 PIC24HJ12GP201/202 EQUATION 17-1: ADC CONVERSION CLOCK PERIOD FIGURE 17-2: ADC TRANSFER FUNCTION (10-BIT EXAMPLE) FIGURE 17-3: ADC CONVERSION CLOCK PERIOD BLOCK DIAGRAM TAD = TCY(ADCS + 1) ADCS = TAD TCY – 1 10 0000 0010 (= 514) 10 0000 0011 (= 515) 01 1111 1101 (= 509) 01 1111 1110 (= 510) 01 1111 1111 (= 511) 11 1111 1110 (= 1022) 11 1111 1111 (= 1023) 00 0000 0000 (= 0) 00 0000 0001 (= 1) Output Code 10 0000 0000 (= 512) (VINH – VINL) VREFL VREFH – VREFL 1024 VREFH VREFL + 10 0000 0001 (= 513) 512 * (VREFH – VREFL) 1024 VREFL + 1023 * (VREFH – VREFL) 1024 VREFL + 0 1 ADC Internal RC Clock TOSC(1) X 2 ADC Conversion Clock Multiplier 1, 2, 3, 4, 5,..., 64 AD1CON3<15> TCY TAD 6 AD1CON3<5:0> Note: Refer to Figure 7-2 for the derivation of Fosc when the PLL is enabled. If the PLL is not used, FOSC is equal to the clock source frequency. TOSC = 1/FOSC. |