| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ12GP201E/ML Fiches technique(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/ML Fiches technique(HTML) 129 Page - Microchip Technology |
|
129 / 234 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70282B-page 127 PIC24HJ12GP201/202 FIGURE 14-2: SPI MASTER/SLAVE CONNECTION FIGURE 14-3: SPI MASTER, FRAME MASTER CONNECTION DIAGRAM FIGURE 14-4: SPI MASTER, FRAME SLAVE CONNECTION DIAGRAM Serial Receive Buffer (SPIxRXB) LSb MSb SDIx SDOx PROCESSOR 2 (SPI Slave) SCKx SSx(1) Serial Transmit Buffer (SPIxTXB) Serial Receive Buffer (SPIxRXB) Shift Register (SPIxSR) MSb LSb SDOx SDIx PROCESSOR 1 (SPI Master) Serial Clock (SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0) Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User application must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory mapped to SPIxBUF. SCKx Serial Transmit Buffer (SPIxTXB) (MSTEN (SPIxCON1<5>) = 1) SPI Buffer (SPIxBUF)(2) SPI Buffer (SPIxBUF)(2) Shift Register (SPIxSR) SDOx SDIx PIC24H Serial Clock SSx SCKx Frame Sync Pulse SDIx SDOx PROCESSOR 2 SSx SCKx SDOx SDIx PIC24H Serial Clock SSx SCKx Frame Sync Pulse SDIx SDOx PROCESSOR 2 SSx SCKx |