Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT30E/P Fiches technique(PDF) 185 Page - Microchip Technology

No de pièce DSPIC30F2012AT30E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30E/P Fiches technique(HTML) 185 Page - Microchip Technology

Back Button DSPIC30F2012AT30E/P Datasheet HTML 181Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 182Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 183Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 184Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 185Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 186Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 187Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 188Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 183
dsPIC30F2011/2012/3012/3013
21.0
PACKAGING INFORMATION
21.1
Package Marking Information
XXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead SPDIP
Example
XXXXXXXXXXXXXXXXX
18-Lead PDIP
Example
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
dsPIC30F3012
0610017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
dsPIC30F2012
0610017
30I/SP 3
e
30I/P 3
e
18-Lead SOIC
Example
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
0610017
30I/SO
dsPIC30F2011
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More