Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F010-E/SLSQTP Fiches technique(PDF) 102 Page - Microchip Technology

No de pièce PIC16F010-E/SLSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/SLSQTP Fiches technique(HTML) 102 Page - Microchip Technology

Back Button PIC16F010-E/SLSQTP Datasheet HTML 98Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 99Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 100Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 101Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 102Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 103Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 104Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 105Page - Microchip Technology PIC16F010-E/SLSQTP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
PIC12F510/16F506
DS41268C-page 100
Preliminary
© 2007 Microchip Technology Inc.
15.2
Package Marking Information (Cont’d)
8-Lead MSOP
XXXXXX
YWWNNN
Example
602/MS
310017
14-Lead TSSOP (4.4 mm)
XXXXXXXX
YYWW
NNN
Example
16F506/ST
0410
017
14-Lead SOIC (3.90 mm)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F506
-I/SL
0410017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More