Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F23K20-E/PSQTP Fiches technique(PDF) 130 Page - Microchip Technology

No de pièce PIC18F23K20-E/PSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PSQTP Fiches technique(HTML) 130 Page - Microchip Technology

Back Button PIC18F23K20-E/PSQTP Datasheet HTML 126Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 127Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 128Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 129Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 130Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 131Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 132Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 133Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 128
Advance Information
© 2007 Microchip Technology Inc.
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
60
LATD
PORTD Data Latch Register (Read and Write to Data Latch)
60
TRISD
PORTD Data Direction Control Register
60
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
60
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
59
SLRCON
—
—
—
SLRE
SLRD
SLRC
SLRB
SLRA
61
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More