Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F23K20-E/PSQTP Fiches technique(PDF) 272 Page - Microchip Technology

No de pièce PIC18F23K20-E/PSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PSQTP Fiches technique(HTML) 272 Page - Microchip Technology

Back Button PIC18F23K20-E/PSQTP Datasheet HTML 268Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 269Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 270Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 271Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 272Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 273Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 274Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 275Page - Microchip Technology PIC18F23K20-E/PSQTP Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 270
Advance Information
© 2007 Microchip Technology Inc.
FIGURE 20-2:
COMPARATOR C1 SIMPLIFIED BLOCK DIAGRAM
FIGURE 20-3:
COMPARATOR C2 SIMPLIFIED BLOCK DIAGRAM
Note
1:
When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate.
2:
Output shown for reference only. See I/O port pin block diagram for more detail.
3:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
4:
Q1 is held high during Sleep mode.
MUX
C1
C1POL
C1OUT
To PWM Logic
0
1
2
3
C1ON(1)
C1CH<1:0>
2
0
1
C1R
C1OE
MUX
RD_CM1CON0
Set C1IF
To
C1VIN-
C1VIN+
C12IN0-
C12IN1-
C12IN2-
C12IN3-
C1IN+
DQ
EN
Q1
Data Bus
DQ
EN
CL
Q3*RD_CM1CON0
Reset
C1OUT pin(2)
+
-
0
1
MUX
CVREF
C1RSEL
FVR
C1SP
C1VREF
MUX
C2
C2POL
C2OUT
To PWM Logic
0
1
2
3
C2ON(1)
C2CH<1:0>
2
C2OE
DQ
EN
DQ
EN
CL
RD_CM2CON0
Q3*RD_CM2CON0
Q1
Set C2IF
To
NRESET
C2VIN-
C2VIN+
C2OUT pin(2)
C12IN0-
C12IN1-
C12IN2-
C12IN3-
Data Bus
Note
1:
When C2ON = 0, the C2 comparator will produce a ‘0’ output to the XOR Gate.
2:
Output shown for reference only. See I/O port pin block diagram for more detail.
3:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
4:
Q1 is held high during Sleep mode.
0
1
C2R
MUX
C2IN+
0
1
MUX
CVREF
C2RSEL
FVR
C2SP
C2VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More