| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K20-E/MLQTP Fiches technique(PDF) 171 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/MLQTP Fiches technique(HTML) 171 Page - Microchip Technology |
|
171 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 169 PIC18F2XK20/4XK20 FIGURE 16-3: EXAMPLE ENHANCED PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE) 0 Period 00 10 01 11 Signal PR2+1 P1M<1:0> P1A Modulated P1A Modulated P1B Modulated P1A Active P1B Inactive P1C Inactive P1D Modulated P1A Inactive P1B Modulated P1C Active P1D Inactive Pulse Width (Single Output) (Half-Bridge) (Full-Bridge, Forward) (Full-Bridge, Reverse) Delay(1) Delay(1) Relationships: • Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value) • Pulse Width = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value) • Delay = 4 * TOSC * (PWM1CON<6:0>) Note 1: Dead-band delay is programmed using the PWM1CON register (Section 16.4.6 “Programmable Dead-Band Delay mode”). |