Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F946-E/MLQTP Fiches technique(PDF) 173 Page - Microchip Technology

No de pièce PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Fiches technique(HTML) 173 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 169Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 170Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 171Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 172Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 173Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 174Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 175Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 176Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 171
PIC16F913/914/916/917/946
11.0 PROGRAMMABLE
LOW-VOLTAGE DETECT
(PLVD) MODULE
The Programmable Low-Voltage Detect (PLVD)
module is a power supply detector which monitors the
internal power supply. This module is typically used in
key fobs and other devices, where certain actions
need to be taken as a result of a falling battery voltage.
The PLVD module includes the following capabilities:
• Eight programmable trip points
• Interrupt on falling VDD
• Stable reference indication
• Operation during Sleep
A Block diagram of the PLVD module is shown in
Figure 11-1.
FIGURE 11-1:
PLVD BLOCK DIAGRAM
FIGURE 11-2:
PLVD OPERATION
LVDL<2:0>
8-to-1
8 Stages
LVDEN
VDD
7
6
2
1
0
Analog MUX
+
-
LVDIF
Voltage
Generator
det
Reference
PLVD Trip Point
LVDIF
VDD
Set by
Hardware
Cleared by
Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More