Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F946-E/MLQTP Fiches technique(PDF) 213 Page - Microchip Technology

No de pièce PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Fiches technique(HTML) 213 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 209Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 210Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 211Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 212Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 213Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 214Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 215Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 216Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 211
PIC16F913/914/916/917/946
15.0 CAPTURE/COMPARE/PWM
(CCP) MODULE
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events. In Capture mode, the peripheral allows the
timing of the duration of an event. The Compare mode
allows the user to trigger an external event when a
predetermined amount of time has expired. The PWM
mode can generate a Pulse-Width Modulated signal of
varying frequency and duty cycle.
The timer resources used by the module are shown in
Table 15-1.
Additional information on CCP modules is available in
the Application Note AN594, “Using the CCP Modules”
(DS00594).
TABLE 15-1:
CCP MODE – TIMER
RESOURCES REQUIRED
TABLE 15-2:
INTERACTION OF TWO CCP MODULES
CCP Mode
Timer Resource
Capture
Timer1
Compare
Timer1
PWM
Timer2
CCPx Mode
CCPy Mode
Interaction
Capture
Capture
Same TMR1 time base
Capture
Compare
Same TMR1 time base
Compare
Compare
Same TMR1 time base
PWM
PWM
The PWMs will have the same frequency and update rate (TMR2 interrupt).
The rising edges will be aligned.
PWM
Capture
None
PWM
Compare
None
Note:
CCPRx
and
CCPx
throughout
this
document refer to CCPR1 or CCPR2 and
CCP1 or CCP2, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More