Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4685-I/SP Fiches technique(PDF) 142 Page - Microchip Technology

No de pièce PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Fiches technique(HTML) 142 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 138Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 139Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 140Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 141Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 142Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 143Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 144Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 145Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 484 page
background image
PIC18F2682/2685/4682/4685
DS39761B-page 140
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
52
LATD(1)
LATD Data Output Register
52
TRISD(1)
PORTD Data Direction Register
52
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
52
ECCP1CON(1) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.
Note 1:
These registers are available on PIC18F4682/4685 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More