| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F44J10-E/SP Fiches technique(PDF) 137 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/SP Fiches technique(HTML) 137 Page - Microchip Technology |
|
137 / 358 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39682C-page 135 PIC18F45J10 FAMILY FIGURE 14-2: PWM OUTPUT RELATIONSHIPS (ACTIVE-HIGH STATE) FIGURE 14-3: PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE) 0 Period 00 10 01 11 SIGNAL PR2 + 1 CCP1CON <7:6> P1A Modulated P1A Modulated P1B Modulated P1A Active P1B Inactive P1C Inactive P1D Modulated P1A Inactive P1B Modulated P1C Active P1D Inactive Duty Cycle (Single Output) (Half-Bridge) (Full-Bridge, Forward) (Full-Bridge, Reverse) Delay(1) Delay(1) 0 Period 00 10 01 11 SIGNAL PR2 + 1 CCP1CON <7:6> P1A Modulated P1A Modulated P1B Modulated P1A Active P1B Inactive P1C Inactive P1D Modulated P1A Inactive P1B Modulated P1C Active P1D Inactive Duty Cycle (Single Output) (Half-Bridge) (Full-Bridge, Forward) (Full-Bridge, Reverse) Delay(1) Delay(1) Relationships: • Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value) • Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value) • Delay = 4 * TOSC * (ECCP1DEL<6:0>) Note 1: Dead-band delay is programmed using the ECCP1DEL register (see Section 14.4.6 “Programmable Dead-Band Delay”). |