Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ12MC02ESS Fiches technique(PDF) 202 Page - Microchip Technology

No de pièce DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Fiches technique(HTML) 202 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 198Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 199Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 200Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 201Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 202Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 203Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 204Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 205Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 200
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 19-1:
ADC1 MODULE BLOCK DIAGRAM
S/H
+
-
Conversion
Conversion Logic
VREF+(1)
AVSS
AVDD
ADC1
16-bit
ADC Output
00000
00101
00001
00010
00011
00100
AN2
AN4(3)
AN0
AN3
AN1
AN5(3)
CH1(2)
CH2(2)
CH3(2)
CH0
AN5(3)
AN2
AN4(3)
AN1
AN3
AN0
VREF-
AN1
VREF-
VREF-(1)
Sample/Sequence
Control
Sample
CH1,CH2,
CH3,CH0
Input MUX
Control
Input
Switches
S/H
+
-
S/H
+
-
S/H
+
-
Buffer
Result
Note 1:
VREF+, VREF- inputs can be multiplexed with other analog inputs.
2:
Channels 1, 2 and 3 are not applicable for the 12-bit mode of operation.
3:
AN4 and AN5 are not applicable to dsPIC33FJ12MC201 devices.
VREF-
VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More