| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITE49M Fiches technique(PDF) 177 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49M Fiches technique(HTML) 177 Page - STMicroelectronics |
|
177 / 188 page ![]() ST7LITE49M Device configuration and ordering information 177/188 ● Bit 0 = FMP_W Flash write protection This option indicates if the Flash program memory is write protected. Warning: When this option is selected, the program memory (and the option bit itself) can never be erased or programmed again. 0: Write protection off 1: Write protection on Option byte 0 70 Option byte 1 70 AWU CK OSCRANGE[2:0] SEC 1 SEC 0 FMP R FMP W CKS EL1 CKS EL0 Res Res LVD1 LVD0 WDG SW WDG HALT Default Value 1 1 1 1 1 1 0 0001111 11 |