| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITE49M Fiches technique(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49M Fiches technique(HTML) 118 Page - STMicroelectronics |
|
118 / 188 page ![]() On-chip peripherals ST7LITE49M 118/188 Figure 57. Transfer sequencing 1. S=Start, Sr = Repeated Start, P=Stop, A=Acknowledge, NA=Non-acknowledge, EVx=Event (with interrupt if ITE=1). 2. EV1: EVF=1, ADSL=1, cleared by reading SR1 register. 3. EV2: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register. 4. EV3: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register. 5. EV3-1: EVF=1, AF=1, BTF=1; AF is cleared by reading SR1 register. BTF is cleared by releasing the lines (STOP=1, STOP=0) or by writing DR register (DR=FFh). If lines are released by STOP=1, STOP=0, the Table 41. 7-bit slave receiver: S Address A Data1 A Data2 A ..... DataN A P EV1 EV2 EV2 EV2 EV4 Table 42. 7-bit slave transmitter S Address A Data1 A Data2 A .... . Data N NA P EV1 EV3 EV3 EV3 EV3- 1 EV4 Table 43. 7-bit master receiver S Address A Data1 A Data2 A .... . DataN NA P EV5 EV6 EV7 EV7 EV7 Table 44. 7-bit master transmitter S Address A Data1 A Data2 A .... . Data N AP EV5 EV6 EV8 EV8 EV8 EV8 Table 45. 10-bit slave receiver S Header A Address A Data1 A ..... DataN A P EV1 EV2 EV2 EV4 Table 46. 10-bit slave transmitter Sr Header A Data1 A ... Data N AP EV1 EV3 EV3 EV3- 1 EV4 Table 47. 10-bit master transmitter S Header A Address A Data1 A .... DataN A P EV5 EV9 EV6 EV8 EV8 EV8 Table 48. 10-bit master receiver Sr Header A Data1 A ..... DataN A P EV5 EV6 EV7 EV7 |