| Moteur de recherche de fiches techniques de composants électroniques |
|
ISM330BX Fiches technique(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM330BX Fiches technique(HTML) 112 Page - STMicroelectronics |
|
112 / 150 page ![]() 11.23 FSM_OUTS2 (4Dh) FSM2 output register (R) Table 233. FSM_OUTS2 register P_axis_1 N_axis_1 P_axis_2 N_axis_2 P_axis_3 N_axis_3 P_V N_V Table 234. FSM_OUTS2 register description P_axis_1 FSM2 output: positive event detected on axis 1. This axis corresponds to the X-axis if the gyrocope is used and to the Z-axis if the accelerometer is used. Results related to Qvar are reported on axis 1. (0: event not detected; 1: event detected) N_axis_1 FSM2 output: negative event detected on axis 1. This axis corresponds to the X-axis if the gyrocope is used and to the Z-axis if the accelerometer is used. Results related to Qvar are reported on axis 1. (0: event not detected; 1: event detected) P_axis_2 FSM2 output: positive event detected on axis 2. This axis corresponds to the Y-axis for both the gyrocope and accelerometer. (0: event not detected; 1: event detected) N_axis_2 FSM2 output: negative event detected on axis 2. This axis corresponds to the Y-axis for both the gyrocope and accelerometer. (0: event not detected; 1: event detected) P_axis_3 FSM2 output: positive event detected on axis 3. This axis corresponds to the Z-axis if the gyrocope is used and to the X-axis if the accelerometer is used. (0: event not detected; 1: event detected) N_axis_3 FSM2 output: negative event detected on axis 3. This axis corresponds to the Z-axis if the gyrocope is used and to the X-axis if the accelerometer is used. (0: event not detected; 1: event detected) P_V FSM2 output: positive event detected on the vector. (0: event not detected; 1: event detected) N_V FSM2 output: negative event detected on the vector. (0: event not detected; 1: event detected) ISM330BX Embedded functions register description DS14588 - Rev 2 page 112/150 |