Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S71PL129JC0 Fiches technique(PDF) 152 Page - SPANSION

No de pièce S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Fiches technique(HTML) 152 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 145Page - SPANSION S71PL129JC0 Datasheet HTML 146Page - SPANSION S71PL129JC0 Datasheet HTML 147Page - SPANSION S71PL129JC0 Datasheet HTML 148Page - SPANSION S71PL129JC0 Datasheet HTML 149Page - SPANSION S71PL129JC0 Datasheet HTML 150Page - SPANSION S71PL129JC0 Datasheet HTML 151Page - SPANSION S71PL129JC0 Datasheet HTML 152Page - SPANSION S71PL129JC0 Datasheet HTML 153Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 152 / 153 page
background image
150
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
Revision Summary
Revision A0 (June 9, 2004)
Initial release.
Revision A1 (July 19, 2004)
Global Change
Change all instances of FASL to Spansion
Added Colophon text.
Product Selector Guide
Replaced “S71PL129JA0-9Z” with “S71PL129JA0-9P”.
Ordering Information
In Model Number section replaced pSRAM part number with “See valid combinations table”.
Revision A2 (July 21, 2004)
Connection Diagrams
Changed Row D of pinout for accuracy.
Added the following note: “May be shared depending on density:A21 is shared for the 64M pSRAM
configuration;A20 is shred for the 32M pSRAM configuration; A19 is shared for the 16M pSRAM
configuration.
Revision A3 (October 18, 2004)
Core Flash Module
Replaced core flash module from S29PL127J_064J_032J_MCP_00_A1_E to
S29PL129J_MCP_00_A0
Revision A4 (November 30, 2004)
Product Selector Guide
Added a new model number.
Valid Combinations Table
Whole table updated with new OPNs.
Revision A5 (December 23, 2004)
Connection Diagram
Updated pin L5.
Valid Combinations Table
Added a note to the bottom of the table.
Revision A6 (June 15, 2005)
Updated pSRAM Type 2 section.
Revision A7 (July 29, 2005)
Updated pSRAM Type 7 section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More