Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC3908CSSS Fiches technique(PDF) 121 Page - Texas Instruments

No de pièce ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Fiches technique(HTML) 121 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 117Page - Texas Instruments ADC3908CSSS Datasheet HTML 118Page - Texas Instruments ADC3908CSSS Datasheet HTML 119Page - Texas Instruments ADC3908CSSS Datasheet HTML 120Page - Texas Instruments ADC3908CSSS Datasheet HTML 121Page - Texas Instruments ADC3908CSSS Datasheet HTML 122Page - Texas Instruments ADC3908CSSS Datasheet HTML 123Page - Texas Instruments ADC3908CSSS Datasheet HTML 124Page - Texas Instruments ADC3908CSSS Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 131 page
background image
8 Device and Documentation Support
8.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.3 Trademarks
PowerPAD™ is a trademark of TI.
TI E2E™ is a trademark of Texas Instruments.
WEBENCH® is a registered trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (December 2023) to Revision A (May 2024)
Page
• Deleted the Product preview note from the Package Information table............................................................. 1
• Added IAVDD, IIOVDD max for all devices in the family........................................................................................ 6
• Changed ADC3910D125 PDIS from 92mW to 97mW.........................................................................................6
• Added DNL, INL, offset min and max for 25/65MSPS........................................................................................6
• Changed 25MSPS GAINERR, Ext. Ref. from ±1.3%FSR to ±0.2%FSR..............................................................6
• Added GAINERR, Ext. Ref. min and max for 25/65MSPS...................................................................................6
• Changed 25MSPS GAINERR, Int. Ref. from ±1.3%FSR to ±0.8%FSR...............................................................6
• Changed 65MSPS GAINERR, Ext. Ref from ±1.3%FSR to ±0.2%FSR...............................................................6
• Changed 65MSPS GAINERR, Int. Ref from ±1.3%FSR to ±0.8%FSR................................................................6
• Changed 125MSPS GAINERR, Ext. Ref from ±1.3%FSR to ±0.3%FSR.............................................................6
• Changed 125MSPS GAINERR, Int. Ref from ±1.3%FSR to ±0.8%FSR..............................................................6
• Added SNR, SFDR, SPUR min for 25MSPS......................................................................................................9
• Added SNR, SFDR, SPUR min for 65MSPS.....................................................................................................9
• Updated interface timings.................................................................................................................................12
• Removed setup/hold naming in timing diagrams..............................................................................................14
• Added 8-bit, 12-bit modes. Updated Lane Rate Examples table......................................................................39
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More