Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA188EM-PQF100I-R Fiches technique(PDF) 124 Page - InnovASIC, Inc

No de pièce IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Fiches technique(HTML) 124 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 120Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 121Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 122Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 123Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 124Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 125Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 126Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 127Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 128Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Pin Name
Number
Pin Name
Number
a0
63
gnd
93
a1
62
hlda
67
a2
60
hold
68
a3
59
int0
79
a4
58
int1/select_n
78
a5
57
int2/inta0_n/pio31
77
a6
56
int3/inta1_n/irq
76
a7
55
int4/pio30
75
a8
54
lcs_n/once0_n
81
a9
53
mcs0_n/pio14
73
a10
52
mcs1_n/pio15
74
a11
51
mcs2_n/pio24
91
a12
50
mcs3_n/rfsh_n/pio25
92
a13
49
nmi
70
a14
48
pcs0_n/pio16
89
a15
47
pcs1_n/pio17
88
a16
46
pcs2_n/pio18
86
a17/pio7
45
pcs3_n/pio19
85
a18/pio8
43
pcs5_n/a1/pio3
83
a19/pio9
42
pcs6_n/a2/pio2
82
ale
30
rd_n
29
ad0
1
res_n
94
ad1
3
rfsh2_n/aden_n
27
ad2
5
rxd/pio28
22
ad3
7
s0_n
34
ad4
9
s1_n
33
ad5
11
s2_n
32
ad6
14
s6/lock_n/clkdiv2/pio29
19
ad7
17
sclk/pio20
26
ao8
2
sdata/pio21
23
ao9
4
sden0/pio22
25
ao10
6
sden1/pio23
24
ao11
8
srdy/pio6
69
ao12
10
tmrin0/pio11
98
ao13
13
tmrin1/pio0
95
ao14
16
tmrout0/pio10
97
ao15
18
tmrout1/pio1
96
ardy
30
txd/pio27
21
clkouta
39
ucs_n/once1_n
80
clkoutb
40
uzi_n/pio26
20
den_/pio5
72
vCC
15
drq0/pio12
100
vCC
38
drq1/pio13
99
vCC
44
dt/r_n/pio4
71
vCC
61
gnd
12
vCC
84
gnd
35
vCC
90
gnd
41
wb_n
66
gnd
64
wr_n
28
gnd
65
x1
36
gnd
87
x2
37
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More