Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3530 Fiches technique(PDF) 102 Page - OSRAM GmbH

No de pièce TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Fiches technique(HTML) 102 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 98Page - OSRAM GmbH TCS3530 Datasheet HTML 99Page - OSRAM GmbH TCS3530 Datasheet HTML 100Page - OSRAM GmbH TCS3530 Datasheet HTML 101Page - OSRAM GmbH TCS3530 Datasheet HTML 102Page - OSRAM GmbH TCS3530 Datasheet HTML 103Page - OSRAM GmbH TCS3530 Datasheet HTML 104Page - OSRAM GmbH TCS3530 Datasheet HTML 105Page - OSRAM GmbH TCS3530 Datasheet HTML 106Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Datasheet, Public
Page 101
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade, but these products have been superseded
and should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More