Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083H/F2 Fiches technique(PDF) 114 Page - NXP Semiconductors

No de pièce PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Fiches technique(HTML) 114 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 110Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 111Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 112Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 113Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 114Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 115Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 116Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 117Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 136 page
background image
1996 Oct 29
114
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
68
TSCK2
input
69
TCE
input
70
PIO1
input
71
PIO1
output
72
77
pio1_enable
output
73
PIO2
input
74
PIO2
output
75
75
pio2_enable
output
76
PIO3
input
77
PIO3
output
78
78
pio3_enable
output
79
PIO4
input
80
PIO4
output
81
81
pio4_enable
output
82
PIO5
input
83
PIO5
output
84
84
pio5_enable
output
85
BEN
output
103
86
TXON
output
103
87
RXON
output
103
88
PDRX1
output
103
89
PDRX2
output
103
90
PDTX1
output
103
91
NPDTX1
output
103
92
NPDTX2
output
103
93
PDBIAS
output
103
94
NPDBIAS
output
103
95
PDSYN
output
103
96
TXKEY1
output
103
97
TXKEY2
output
103
98
DSPEN
input
99
TIMEN
input
100
RSTC
input
101
RSTO
input
102
ONKEY
input
103
gpon1_enable
output
104
CLK32I
input
105
powon_enable
output
NO.
SIGNAL
I/O
3-STATE
CONTROL
Notes
1. H: enable CKI pad to scan cell; L: CKI reads High.
2. Open-drain output.
3. PCF5083-2B and PCF5083-2C versions only.
4. PCF5083-3 only.
106
AUXON
input
107
LOWVOLT
output
108
POWON
output
109
NPOWON
output
110
RST
input
111
CLK32K; note 3
output
105
CLK26M; note 4
112
TXD (_enable)
output
112; note 2
113
RXD
input
114
MMIEN (_enable)
output
114; note 2
115
MMIREQ
input
116
MMICLK
output
105
117
FSC
input
118
FSC
output
119
119
fsc_dcl_enable
output
120
DCL
input
121
DCL
output
119
122
DU
input
123
DD (_enable)
output
123; note 2
124
RFCLK
output
103
125
RFEN1
output
103
126
RFEN2
output
103
127
RFEN3
output
103
128
RFEN4
output
103
129
RFDI
input
130
RFDO
output
103
131
RFE
output
103
132
NREFON
output
105
133
GPON1
output
105
TDO
134
GPON1 (_enable)
output
134; note 2
NO.
SIGNAL
I/O
3-STATE
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More