Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F124 Fiches technique(PDF) 422 Page - STMicroelectronics

No de pièce ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Fiches technique(HTML) 422 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 418Page - STMicroelectronics ST92F124_06 Datasheet HTML 419Page - STMicroelectronics ST92F124_06 Datasheet HTML 420Page - STMicroelectronics ST92F124_06 Datasheet HTML 421Page - STMicroelectronics ST92F124_06 Datasheet HTML 422Page - STMicroelectronics ST92F124_06 Datasheet HTML 423Page - STMicroelectronics ST92F124_06 Datasheet HTML 424Page - STMicroelectronics ST92F124_06 Datasheet HTML 425Page - STMicroelectronics ST92F124_06 Datasheet HTML 426Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 429 page
background image
422/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Here is an example of a patch for the MFT1 using
DMA in ouput compare mode, inserted at the be-
ginning of the MFT0 interrupt routine:
spp #8 ;Set to page 8 (mft1)
tm T_IDMR,#0x08 ;test mft0 OCMP dma
mask bit
jxnz MFT0_it_routine
cpw DMA_CNT1,#0 ;If the DMA count is
not at zero the block did not complete
jxeq MFT0_it_routine
and
T_FLAGR,#11011111b
;Clear
dma
compare interrupt request
or T_IDMR,#0x08 ;Re-enable the com-
pare 0 dma
MFT0_it_routine: ;MFT0 interrupt rou-
tine code
In addition, the peripheral DMA priorities must be
organized so that the MFT DMA priorities are the
highest. This way the impact is limited: DMA re-
quests with the wrong Mask Bit Reset are serv-
iced.
Workaround Limitation
If the counter event period is too short, the failure
recovery in the interrupt routines will not work.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More