| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92F124 Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 429 page ![]() 103/429 ST92F124/F150/F250 - INTERRUPTS Figure 53. Standard Interrupt (Channels E to I) Control Bits and Vectors INT E0 request VECTOR Priority level Mask bit Pending bit IME0 IPE0 V7 V6 V5 0 0 0 0 X X X 0 INT E1 request INT F0 request INT F1 request INT G0 request INT G1 request INT H0 request INT H1 request VECTOR Priority level Mask bit Pending bit IME1 IPE1 V7 V6 V5 0 0 0 1 X X X 1 V7 V6 V5 0 0 1 0 X X X 0 V7 V6 V5 0 0 1 1 X X X 1 V7 V6 V5 0 1 0 0 X X X 0 V7 V6 V5 0 1 0 1 X X X 1 V7 V6 V5 0 1 1 0 X X X 0 V7 V6 V5 0 1 1 1 X X X 1 VECTOR Priority level VECTOR Priority level VECTOR Priority level VECTOR Priority level VECTOR Priority level VECTOR Priority level Mask bit IMF0 Pending bit IPF0 Pending bit IPF1 Pending bit IPG0 Pending bit IPG1 Pending bit IPH0 Pending bit IPH1 Mask bit IMF1 Mask bit IMG0 Mask bit IMG1 Mask bit IMH0 Mask bit IMH1 ITEE0 ITEF0 ITEH0 ITRX0 ITEE1 ITEG0 ITEG1 ITEF1 CAN_0 * ITEH1 ITRX1 ITTX ITSCE ITRX0 CAN_1 * ITRX1 ITTX ITSCE INT I0 request V7 V6 V5 1 0 0 0 X X X 0 VECTOR Priority level Pending bit IPI0 Mask bit IMI0 ITEI0 SCI-A * * On some devices only 9 |