Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ-2509N Fiches technique(PDF) 1 Page - CUI Devices

No de pièce MJ-2509N
Description  2.5 MM AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

MJ-2509N Fiches technique(HTML) 1 Page - CUI Devices

  MJ-2509N Datasheet HTML 1Page - CUI Devices MJ-2509N Datasheet HTML 2Page - CUI Devices MJ-2509N Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/04/2019
page 1 of 3
MODEL: MJ-2509N
│ DESCRIPTION: 2.5 MM AUDIO JACK
cuidevices.com
FEATURES
• through-hole design
• low profile
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
30
50
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 0.5 mA, 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
2.0
kg
operating temperature
-20
60
°C
storage temperature
-25
70
°C
life
at a rate of 20 to 30 cycles per minute under no
load
5,000
cycles
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 5~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 6 seconds
390
°C
wave soldering
dipped in solder pot for 3 ±0.5 seconds
240
245
250
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Numéro de pièce similaire - MJ-2509N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MJ-2509N ETC1-MJ-2509N Datasheet
56Kb / 1P
MJ-2509N
logo
CUI INC
MJ-2509N CUI-MJ-2509N Datasheet
295Kb / 3P
2.5 MM AUDIO JACK
MJ-2509N CUI-MJ-2509N_18 Datasheet
295Kb / 3P
2.5 MM AUDIO JACK
More results

Description similaire - MJ-2509N

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
2.5 MM AUDIO JACKS
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
2.5 MM AUDIO JACK
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
MJ-2509N CUI-MJ-2509N_18 Datasheet
295Kb / 3P
2.5 MM AUDIO JACK
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
2.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com