Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

615008160421 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 615008160421
Description  WR-MJ Modular Jack THT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

615008160421 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  615008160421 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 615008160421 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 615008160421 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 615008160421 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 615008160421 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
1
8
11,43 ±0.15
1,27
8,89 ±0.15
6,15 ±0.15
3,05 ±0.15
2,54
8,89 ±0.20
15,8 ±0.15
16 ±0.15
Scale - 2:1
Recommended Hole Pattern: [mm]
1
General tolerance ± 0.15
Thickness: 1,6mm
3
5
7
2
4
6
8
11,43
15,75
O 3
,2
O 1
,7
O 0
,9
8,89
1,27
Scale - 4,5:1
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
BBo
001.002
2021-06-24
DIN ISO 2768-1m
DESCRIPTION
WR-MJ Modular Jack THT
ORDER CODE
615008160421
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Vertical Shielded Tab Up Cat6
eiCan
Valid
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 615008160421

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
615008160021 WURTH-615008160021 Datasheet
405Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160121 WURTH-615008160121 Datasheet
459Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160221 WURTH-615008160221 Datasheet
462Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160321 WURTH-615008160321 Datasheet
398Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160521 WURTH-615008160521 Datasheet
594Kb / 6P
WR-MJ Modular Jack THT
001.003
More results

Description similaire - 615008160421

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
615008138321 WURTH-615008138321 Datasheet
557Kb / 6P
WR-MJ Modular Jack
REVISION 001.002
615008160621 WURTH-615008160621 Datasheet
382Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160721 WURTH-615008160721 Datasheet
464Kb / 5P
WR-MJ Modular Jack THT
001.002
615006138421 WURTH-615006138421 Datasheet
688Kb / 7P
WR-MJ Modular Jack Tab Up
001.001
615008160121 WURTH-615008160121 Datasheet
459Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160221 WURTH-615008160221 Datasheet
462Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160021 WURTH-615008160021 Datasheet
405Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160321 WURTH-615008160321 Datasheet
398Kb / 5P
WR-MJ Modular Jack THT
001.002
615008160521 WURTH-615008160521 Datasheet
594Kb / 6P
WR-MJ Modular Jack THT
001.003
634008138121 WURTH-634008138121 Datasheet
736Kb / 7P
WR-MJ SMT Modular Jack
001.001
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com