Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HY3810P Fiches technique(PDF) 2 Page - HUAYI MICROELECTRONICS CO.,LTD.

No de pièce HY3810P
Description  N-Channel Enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAYI [HUAYI MICROELECTRONICS CO.,LTD.]
Site Internet  http://www.hymexa.com/
Logo HUAYI - HUAYI MICROELECTRONICS CO.,LTD.

HY3810P Fiches technique(HTML) 2 Page - HUAYI MICROELECTRONICS CO.,LTD.

  HY3810P Datasheet HTML 1Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 2Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 3Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 4Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 5Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 6Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 7Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 8Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 9Page - HUAYI MICROELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1128***
720**
100
HY3810
2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TC=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
100
VGSS
Gate-Source Voltage
±25
V
TJ
Maximum Junction Temperature
175
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
180
A
Mounted on Large Heat Sink
IDM
TC=25°C
A
TC=25°C
180
ID
Continuous Drain Current
TC=100°C
132
A
TC=25°C
346
PD
Maximum Power Dissipation
TC=100°C
173
W
RJC
Thermal Resistance-Junction to Case
0.43
RJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
Avalanche Ratings
EAS
Avalanche Energy, Single Pulsed
L=0.5mH
mJ
Electrical Characteristics (T
C = 25C Unless Otherwise Noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250A
-
V
VDS=100V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
10
A
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250A
2.0
3.0
4.0
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
RDS(ON)
Drain-Source On-state Resistance
VGS=10V, IDS=90A
-
5.0
6.5
m
Diode Characteristics
VSD
Diode Forward Voltage
ISD=90A, VGS=0V
-
0.8
1
V
trr
Reverse Recovery Time
-
65
-
ns
Qrr
Reverse Recovery Charge
ISD=90A, dlSD/dt=100A/s
-
103
-
nC
Note
** Drain current is limited by junction temperature
*** VD=80V
*
Repetitive rating ; pulse width limiited by junction temperature
Pulsed Drain Current *
*
*
-
HY3810P/M/B/PS/PM
V1.0
www.hymexa.com


Numéro de pièce similaire - HY3810P

FabricantNo de pièceFiches techniqueDescription
logo
HUAYI MICROELECTRONICS ...
HY3810B6 HUAYI-HY3810B6 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - HY3810P

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com