Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HY3810P Fiches technique(PDF) 1 Page - HUAYI MICROELECTRONICS CO.,LTD.

No de pièce HY3810P
Description  N-Channel Enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAYI [HUAYI MICROELECTRONICS CO.,LTD.]
Site Internet  http://www.hymexa.com/
Logo HUAYI - HUAYI MICROELECTRONICS CO.,LTD.

HY3810P Fiches technique(HTML) 1 Page - HUAYI MICROELECTRONICS CO.,LTD.

  HY3810P Datasheet HTML 1Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 2Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 3Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 4Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 5Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 6Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 7Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 8Page - HUAYI MICROELECTRONICS CO.,LTD. HY3810P Datasheet HTML 9Page - HUAYI MICROELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PM: TO-3PM-3S
HY3810P/M/B/PS/PM
N-Channel Enhancement Mode MOSFET
PM
PS
B
M
HY3810
Pin Description
Ordering and Marking Information
A
P
1
YYXXXJWW G
HY3810
YYXXXJWW G
HY3810
YYXXXJWW G
HY3810
YYXXXJWW G
HY3810
YYXXXJWW G
F
••
pplications
Power Management for Inverter Systems.
Switching application
eatures
100V/180A
R
DS(ON) =m(typ.) @ VGS=10V
Reliable and Rugged
Lead Free and Green Devices Available
(RoHS Compliant)
100% avalanche tested
5.0
G : Lead Free Device
Date Code
Package Code
Assembly Material
YYXXX WW
B: TO-263-2L
M : TO-220FB-3
S
PS: TO-3PS-3L
P : TO-220FB-3L
to
HUAYI
HUAYI defines
ation finish;which are fully compliant with RoHS. HUAYI lead
Note: HUAYI lead -free products contain molding compounds/die attach materials and 100% matte tin plate
Termin
-free products meet or exceed the lead-
Free requirements of IPC/JEDEC J-STD-020 for MSL classification at lead-free peak reflow temperature.
“Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed
900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
reserves the right to make changes, corrections, enhancements, modifications, and improvements
this pr-oduct and/or to this document at any time without notice.
N-Channel MOSFET
V1.0
www.hymexa.com
TO-220FB-3S
TO-3PM-3S
TO-3PS-3L
TO-220FB-3L
G
D
S
G
D
S
G
D
S
G
D
S
TO-263-2L
G
D
S


Numéro de pièce similaire - HY3810P

FabricantNo de pièceFiches techniqueDescription
logo
HUAYI MICROELECTRONICS ...
HY3810B6 HUAYI-HY3810B6 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - HY3810P

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com