Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT6628Q Fiches technique(PDF) 8 Page - MediaTek Inc.

No de pièce MT6628Q
Description  Update WiFi standard name
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEDIATEK [MediaTek Inc.]
Site Internet  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT6628Q Fiches technique(HTML) 8 Page - MediaTek Inc.

Back Button MT6628Q Datasheet HTML 4Page - MediaTek Inc. MT6628Q Datasheet HTML 5Page - MediaTek Inc. MT6628Q Datasheet HTML 6Page - MediaTek Inc. MT6628Q Datasheet HTML 7Page - MediaTek Inc. MT6628Q Datasheet HTML 8Page - MediaTek Inc. MT6628Q Datasheet HTML 9Page - MediaTek Inc. MT6628Q Datasheet HTML 10Page - MediaTek Inc. MT6628Q Datasheet HTML 11Page - MediaTek Inc. MT6628Q Datasheet HTML 12Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
loginid=seete_wlf@seete.net,time=2012-07-19 21:27:26,ip=116.205.68.54,doctitle=MT6628Q_external_datasheet_v1.3_brief.docx,company=Unistar_WCX
MT6628Q
Data Sheet
Confidential A
MediaTek Confidential
© 2012 MediaTek Inc.
Page 8 of 26
This document contains information that is proprietary to MediaTek Inc.
Unauthorized reproduction or disclosure of this information in whole or in part is strictly prohibited.
2
Product Description
2.1
Pin Description
There are total 88 pins in WLCSP package.
Symbol
WLCSP bump
Description
PU/PD
I/O
Power ground pin
DVDD
G5
1.2V core power
NA
VDD
DVDD
E6
1.2V core power
NA
VDD
DVDD
C9
1.2V core power
NA
VDD
DVSS
G6
Ground
NA
VSS
DVSS
F7
Ground
NA
VSS
DVSS1
C10
Ground
NA
VSS
DVDDIO
C8
I/O power
NA
VDD
DVDDIO_SDIO
H4
SDIO I/O power
NA
VDD
PMU
PMU_EN
G3
PMU enable
NA
I
PMU_DSB
H3
Disable PMU deep
sleep mode
NA
I
VREF
L1
Reference bandgap
voltage
NA
O
AVDD55_MISC
L2
VBAT for internal
circuit
NA
VDD
AVSS55_MISC
K1
MISC ground
NA
VSS
AVDD25_V2P5
G2
Internal 2.5V power
NA
VDD
AVDD25_V2P5NA
J3
Internal 2.5V power
NA
VDD
LXBK
L3
Switching node of
buck
NA
O
AVDD55_SMPS
K3
Battery voltage
NA
VDD
AVSS55_SMPS
J4
Switching regulator
ground
NA
VSS
AVDD17_CLDO_IN
J2
1.7V CLDO input
NA
VDD
AVDD28_TLDO_SW
H1
Power source for
TCXO
NA
VDD
CLDO
K2
1.2V core power LDO
output
NA
O
AVDD28_TLDO
J1
2.8V TCXO LDO
output
NA
O
WFLDO
L4
3.3V WiFi LDO output
NA
O
AUX_REF
H2
ADC top reference
NA
I


Numéro de pièce similaire - MT6628Q

FabricantNo de pièceFiches techniqueDescription
logo
MediaTek Inc.
MT6625 MEDIATEK-MT6625 Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
MT6625L MEDIATEK-MT6625L Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
MT6625LN MEDIATEK-MT6625LN Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
More results

Description similaire - MT6628Q

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
82546GB INTEL-82546GB Datasheet
201Kb / 16P
Gigabit Ethernet Controller Specification Update
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
Specification Update
logo
ATMEL Corporation
AT91SAM7S128C-AU ATMEL-AT91SAM7S128C-AU Datasheet
53Kb / 2P
AT91SAM7S256 and AT91SAMS128 Errata Update
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
Solid State Lighting Connector Update
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
Engineering Update w/o Changes
logo
DB Unlimited.
SM3604100-1 DBUNLIMITED-SM3604100-1 Datasheet
337Kb / 1P
Update Storage / Op Temps
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
update pn identification
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
logo
MediaTek Inc.
MT6625L MEDIATEK-MT6625L Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com