Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT6628Q Fiches technique(PDF) 6 Page - MediaTek Inc.

No de pièce MT6628Q
Description  Update WiFi standard name
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEDIATEK [MediaTek Inc.]
Site Internet  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT6628Q Fiches technique(HTML) 6 Page - MediaTek Inc.

Back Button MT6628Q Datasheet HTML 2Page - MediaTek Inc. MT6628Q Datasheet HTML 3Page - MediaTek Inc. MT6628Q Datasheet HTML 4Page - MediaTek Inc. MT6628Q Datasheet HTML 5Page - MediaTek Inc. MT6628Q Datasheet HTML 6Page - MediaTek Inc. MT6628Q Datasheet HTML 7Page - MediaTek Inc. MT6628Q Datasheet HTML 8Page - MediaTek Inc. MT6628Q Datasheet HTML 9Page - MediaTek Inc. MT6628Q Datasheet HTML 10Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
loginid=seete_wlf@seete.net,time=2012-07-19 21:27:26,ip=116.205.68.54,doctitle=MT6628Q_external_datasheet_v1.3_brief.docx,company=Unistar_WCX
MT6628Q
Data Sheet
Confidential A
MediaTek Confidential
© 2012 MediaTek Inc.
Page 6 of 26
This document contains information that is proprietary to MediaTek Inc.
Unauthorized reproduction or disclosure of this information in whole or in part is strictly prohibited.
Supports WiFi Direct (WFA P-2-P standard) and Wi-Fi Miracast (Wi-Fi Display)
Supports HotSpot 2.0 Passpoint
Interface: SDIO 2.0 (4-bit & 1-bit, up to 50MHz), SPI (48Mbps)
Integrated PA with max 21dBm output power
Typical -77.5 dBm 2.4GHz receiver sensitivity at 11g 54Mbps mode
Per packet TX power control
Bluetooth
Bluetooth specification v2.1+EDR
Bluetooth specification 3.0+HS compliance
Bluetooth v4.0 Low Energy (LE)
Integrated PA with 10dBm (class 1) transmit power and Balun
Rx sensitivity: GFSK -95dBm, DQPSK -94dBm, 8-DPSK -88dBm
HCI over high speed (4Mbps) UART(H4), and SDIO 2.0
Best-in-class BT/Wi-Fi coexistence performance
Up to 4 piconets simultaneously with background inquiry/page scan
Supports Scatternet
Packet loss concealment (PLC) function for better voice quality
Low-power scan function to reduce the power consumption in scan modes
GPS
Supports GPS/QZSS/SBAS (WAAS/MSAS/EGNOS/GAGAN)
Best-in-class sensitivity performance
-165 dBm tracking sensitivity
-163 dBm hot start sensitivity
-148 dBm cold start sensitivity
-151 dBm warm start sensitivity
Full A-GPS capability (E911/SUPL/EPO/HotStill)
Active interference cancellation for up to 8 in-band tones
Low-power operational modes for mobile phone and DSC applications
Supports XTAL
5Hz update rate
FM
76-108MHz with 50kHz step
Supports RDS/RBDS
Digital stereo modulator/demodulator
Digital audio interface (I2S)
Fast seek time 30ms/channel
Stereo noise reduction
Audio sensitivity 2dBµVemf ((S+N)/N=26dB)
Audio S/N 60dB
Anti-jamming
Integrated short antenna


Numéro de pièce similaire - MT6628Q

FabricantNo de pièceFiches techniqueDescription
logo
MediaTek Inc.
MT6625 MEDIATEK-MT6625 Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
MT6625L MEDIATEK-MT6625L Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
MT6625LN MEDIATEK-MT6625LN Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
More results

Description similaire - MT6628Q

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
82546GB INTEL-82546GB Datasheet
201Kb / 16P
Gigabit Ethernet Controller Specification Update
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
Specification Update
logo
ATMEL Corporation
AT91SAM7S128C-AU ATMEL-AT91SAM7S128C-AU Datasheet
53Kb / 2P
AT91SAM7S256 and AT91SAMS128 Errata Update
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
Solid State Lighting Connector Update
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
Engineering Update w/o Changes
logo
DB Unlimited.
SM3604100-1 DBUNLIMITED-SM3604100-1 Datasheet
337Kb / 1P
Update Storage / Op Temps
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
update pn identification
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
logo
MediaTek Inc.
MT6625L MEDIATEK-MT6625L Datasheet
673Kb / 36P
Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com